Part Number Hot Search : 
05L05 S3C72E8 ADM10 74LVC16 PE9210 ADM10 1241CAPC 1SS38107
Product Description
Full Text Search
 

To Download 51065-0300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0112
General Information Part Number: 76650-0112 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom Micro-Latch Connector Kit Friction Lock Vertical Header and Receptacle Micro-LatchTM (Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Connector Type: Mounting Orientation: Circuit Sizes: Current Rating: Voltage: Wire size: Product Highlights Micro-Latch connectors provide a reliable connection interface for industry standard 2.00mm (.079") wire-to-board applications. The kit includes female crimp terminals, receptacle housings and semi-shrouded vertical headers. The connector applies a friction lock mechanism where the noses on the receptacle housings slide into the header wall openings. This ensures a durable mating and protection of the electrical circuits. Features and Benefits * Uses popular terminals * Friction lock for good mating retention * Polarizing features ensures proper mating orientation * Surface Mount Component vertical header is reflow process capable Applications * Data Communication Equipment * Printers/Faxes * PC's and Monitors * Automotive * Home Entertainment Wire-to-Board 2.00mm (.079") Receptacle and Header Vertical 2, 3, 4, 6 and 8 (0.5 - 2) Amps depending on AWG 125 Volts 30-24 AWG
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0112
Bill of Materials for Part No. 76650-0112 Country Molex Part No. of Origin 50212-8100-C 51065-0200 51065-0300 51065-0400 51065-0600 51065-0800 53253-0270 53253-0370 53253-0470 53253-0670 53253-0870 Japan Description Micro-LatchTM Female Crimp Terminals 30-24 AWG Quantity in Kit 100 10 10 10 10 10 10 10 10 10 10
Malaysia 2.00mm (.079") Pitch Micro-LatchTM Receptacles 2 Circuits Malaysia 2.00mm (.079") Pitch Micro-LatchTM Receptacles 3 Circuits Malaysia 2.00mm (.079") Pitch Micro-LatchTM Receptacles 4 Circuits Malaysia 2.00mm (.079") Pitch Micro-LatchTM Receptacles 6 Circuits Malaysia 2.00mm (.079") Pitch Micro-LatchTM Receptacles 8 Circuits 2.00mm (.079") Pitch Micro-LatchTM Vertical Headers, 2 Malaysia Circuits 2.00mm (.079") Pitch Micro-LatchTM Vertical Headers, 3 Malaysia Circuits 2.00mm (.079") Pitch Micro-LatchTM Vertical Headers, 4 Malaysia Circuits 2.00mm (.079") Pitch Micro-LatchTM Vertical Headers, 6 Malaysia Circuits 2.00mm (.079") Pitch Micro-LatchTM Vertical Headers, 8 Malaysia Circuits
Recommended Molex Tool(s) for Part No. 76650-0112* Country Molex Part No. of Origin 63819-0500 * 57105-6000 * Sweden Hand Crimp Tool USA Extraction Tool Description
*Tools not included in kit. Tools ordered separately.
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 51065-0300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X